Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2831XMF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2831XMF/NOPB
Description  LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2831XMF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2831XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2831
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
is proportional to the difference between the feedback voltage and VREF. When the PWM comparator output goes
high, the output switch turns off until the next switching cycle begins. During the switch off-time, inductor current
discharges through the Schottky catch diode, which forces the SW pin to swing below ground by the forward
voltage (VD) of the Schottky catch diode. The regulator loop adjusts the duty cycle (D) to maintain a constant
output voltage.
Figure 18. Typical Waveforms
7.3.2 Soft Start
This function forces VOUT to increase at a controlled rate during start up. During soft start, the error amplifier’s
reference voltage ramps from 0 V to its nominal value of 0.6 V in approximately 600 µs. This forces the regulator
output to ramp up in a controlled fashion, which helps reduce inrush current.
7.3.3 Output Overvoltage Protection
The overvoltage comparator compares the FB pin voltage to a voltage that is 15% higher than the internal
reference VREF. Once the FB pin voltage goes 15% above the internal reference, the internal PMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
7.3.4 Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the LM2831 from operating until the input voltage exceeds 2.73 V
(typical). The UVLO threshold has approximately 430 mV of hysteresis, so the part will operate until VIN drops
below 2.3 V (typical). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
7.3.5 Current Limit
The LM2831 uses cycle-by-cycle current limiting to protect the output switch. During each switching cycle, a
current limit comparator detects if the output switch current exceeds 2.5 A (typical), and turns off the switch until
the next switching cycle begins.
7.3.6 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 150°C.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com