Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2831XMF/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2831XMF/NOPB
Description  LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2831XMF/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2831XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
-45
-40
-10
20
50
80
110
125
130
TEMPERATURE (ºC)
0.46
0.48
0.50
0.52
0.54
0.56
0.58
0.60
-45
-40
-10
20
50
80
110
125
130
TEMPERATURE (ºC)
1.36
1.41
1.46
1.51
1.56
1.61
1.66
1.71
1.76
1.81
1.794
1.796
1.798
1.800
1.802
1.804
1.806
0.25
0.5
0.75
1
1.25
1.5
LOAD (A)
0
3.297
3.298
3.299
3.300
3.301
3.302
0
0.25
0.5
0.75
1
1.25
1.5
LOAD (A)
1.796
1.797
1.798
1.799
1.800
1.801
1.802
1.803
1.804
0
0.25
0.5
0.75
1
1.25
1.5
LOAD (A)
LM2831
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Typical Characteristics
All curves taken at VIN = 5 V with configuration in typical application circuit shown in Application Information section of this
datasheet. TJ = 25°C, unless otherwise specified.
VIN = 3.3
VO = 1.8 V
VIN = 3.3 V
VO = 1.8 V (All Options)
Figure 1.
η vs Load – X, Y, and Z Options
Figure 2. Load Regulation
VIN = 5 V
VO = 1.8 V (All Options)
VIN = 5 V
VO = 3.3 V (All Options)
Figure 3. Load Regulation
Figure 4. Load Regulation
Figure 5. Oscillator Frequency vs Temperature – X Option
Figure 6. Oscillator Frequency vs Temperature – Y Option
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com