Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIMM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM75AIMM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIMM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM75AIMM/NOPB Datasheet HTML 9Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 10Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 11Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 12Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 13Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 14Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 15Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 16Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
I
2
C Interface
SDA
SCL
Pointer Register
(Selects register for
communication)
Address
Data
Temperature
(Read-Only)
Pointer = 00000000
Product ID
(Read-Only)
Pointer = 00000111
TOS Set Point
(Read-Write)
Pointer = 00000011
Configuration
(Read-Write)
Pointer = 00000001
THYST Set Point
(Read-Write)
Pointer = 00000010
LM75A
www.ti.com
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
7.5.8 Internal Register Structure
Figure 8. Register Structure
There are four data registers in the LM75A and an additional Product ID register selected by the Pointer register.
At power-up the Pointer is set to “000”; the location for the Temperature Register. The Pointer register latches
whatever the last location it was set to. In Interrupt Mode, a read from the LM75A, or placing the device in
shutdown mode, resets the O.S. output. All registers are read and write, except the Temperature register and the
LM75A's Product ID register, which are read-only.
A write to the LM75A will always include the address byte and the Pointer byte. A write to the Configuration
register requires one data byte, and the TOS and THYST registers require two data bytes.
Reading the LM75A can take place either of two ways: If the location latched in the Pointer is correct (most of the
time it is expected that the Pointer will point to the Temperature register because it will be the data most
frequently read from the LM75A), then the read can simply consist of an address byte, followed by retrieving the
corresponding number of data bytes. If the Pointer needs to be set, then an address byte, pointer byte, repeat
start, and another address byte will accomplish a read.
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For instance, if the first four bits of the temperature
data indicates an overtemperature condition, the host processor could immediately take action to remedy the
excessive temperatures. At the end of a read, the LM75A can accept either Acknowledge or No Acknowledge
from the Master (No Acknowledge is typically used as a signal for the slave that the Master has read its last
byte).
7.6 Register Maps
7.6.1 Pointer Register (Selects Which Registers Will Be Read From or Written to):
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
Register Select
P0-P1: Register Select:
P2
P1
P0
Register
0
0
0
Temperature (Read-only) (Power-up default)
0
0
1
Configuration (Read/Write)
0
1
0
THYST (Read/Write)
0
1
1
TOS (Read/Write)
1
1
1
Product ID Register
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com