Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIMM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM75AIMM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIMM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM75AIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 9Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 10Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 11Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 12Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 13Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 14Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM75A
www.ti.com
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
Device Functional Modes (continued)
The LM75A always powers up in a known state. The power up default conditions are:
•
Comparator mode
•
TOS = 80°C
•
THYST = 75°C
•
O.S. active low
•
Pointer = “00”
When the supply voltage is less than about 1.7V, the LM75A is considered powered down. As the supply voltage
rises above the nominal 1.7V power up threshold, the internal registers are reset to the power up default values
listed above.
If the LM75A is not connected to the I2C bus on power up, it will act as a stand-alone thermostat with the power
up default conditions listed above. It is optional, but recommended, to connect the address pins (A2, A1, A0) and
the SCL and SDA pins together and to a 10k pullup resistor to +VS for better noise immunity. Any of these pins
may also be tied high separately through a 10-k pullup resistor.
7.5 Programming
7.5.1 I2C Bus Interface
The LM75A operates as a slave on the I2C bus, so the SCL line is an input (no clock is generated by the LM75A)
and the SDA line is a bi-directional serial data path. According to I2C bus specifications, the LM75A has a 7-bit
slave address. The four most significant bits of the slave address are hard wired inside the LM75A and are
“1001”. The three least significant bits of the address are assigned to pins A2–A0, and are set by connecting
these pins to ground for a low, (0); or to +VS for a high, (1).
Therefore, the complete slave address is:
1
0
0
1
A2
A1
A0
MSB
LSB
These interrupt mode resets of O.S. occur only when LM75A is read or placed in shutdown. Otherwise, O.S. would
remain active indefinitely for any event.
Figure 7. O.S. Output Temperature Response Diagram
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com