Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIMM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM75AIMM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIMM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM75AIMM/NOPB Datasheet HTML 1Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 2Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM75A
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
6.3 Recommended Operating Conditions
(1) (2)
MIN
MAX
UNIT
Specified Temperature Range (TMIN to TMAX)
−55
125
°C
Supply Voltage Range (+VS) LM75A
2.7
5.5
V
(1)
LM75A
θJA (thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2 oz. foil similar to the one shown in
Thermal Information is summarized in the table below the Operating Ratings table.
(2)
Reflow temperature profiles are different for lead-free and non-lead-free packages. Soldering process must comply with Reflow
Temperature Profile specifications. Refer to www.ti.com/packaging.(2)
6.4 Thermal Information
LM75A
THERMAL METRIC(1)
D
DGK
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
200
250
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for: +VS = 2.7 to 5.5 Vdc for LM75AIM. TA = TJ = 25°C, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
TA = −25°C to +100°C
–2
2
–55°C
≤ TJ ≤ 125°C
Accuracy
°C
TA = −55°C to +125°C
–3
3
–55°C
≤ TJ ≤ 125°C
Resolution
9
Bits
Temperature Conversion Time
See(3)
100
ms
See(3), –55°C
≤ TJ ≤ 125°C
300
I2C Inactive
0.28
mA
I2C Inactive, –55°C
≤ TJ ≤ 125°C
0.5
Quiescent Current
LM75A
Shutdown Mode, +VS = 3 V
4
μA
Shutdown Mode, +VS = 5 V
6
μA
O.S. Output Saturation Voltage
IOUT = 4 mA, –55°C ≤ TJ ≤ 125°C
0.8
V
O.S. Delay
See(4), –55°C
≤ TJ ≤ 125°C
1
6
Conversion
TOS Default Temperature
See(5)
80
°C
THYST Default Temperature
See(5)
75
°C
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Maximum values (limits) are ensured to AOQL (Average Outgoing Quality Level).
(3)
The conversion-time specification is provided to indicate how often the temperature data is updated. The LM75A can be accessed at
any time and reading the Temperature Register will yield result from the last temperature conversion. When the LM75A is accessed, the
conversion that is in process will be interrupted and it will be restarted after the end of the communication. Accessing the LM75A
continuously without waiting at least one conversion time between communications will prevent the device from updating the
Temperature Register with a new temperature conversion result. Consequently, the LM75A should not be accessed continuously with a
wait time of less than 300ms.
(4)
O.S. Delay is user programmable up to 6 “over limit” conversions before O.S. is set to minimize false tripping in noisy environments.
(5)
Default values set at power up.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com