Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIMM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM75AIMM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIMM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM75AIMM/NOPB Datasheet HTML 1Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 2Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM75AIMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
+VS
A0
A1
A2
SCL
SDA
O.S.
GND
8
7
6
5
3
1
2
4
LM75
Address
(Set as desired)
To Processor
Interrupt Line
Interface
100 nF (typ) unless mounted
close to processor
O.S. set to active low
IRUZLUH25¶GPXOWLSOH
interrupt line
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM75A
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
1 Features
3 Description
The
LM75A
is
an
industry-standard
digital
1
•
No External Components Required
temperature sensor with an integrated sigma-delta
•
Shutdown Mode to Minimize Power Consumption
analog-to-digital converter (ADC) and I2C interface.
•
Up to Eight LM75As can be Connected to a Single
The
LM75A
provides
9-bit
digital
temperature
Bus
readings with an accuracy of ±2°C from –25°C to
100°C and ±3°C over –55°C to 125°C.
•
Power up Defaults Permit Stand-Alone Operation
as Thermostat
The LM75A operates with a single supply from 2.7 V
to 5.5 V. Communication is accomplished over a
•
Key Specifications:
2-wire interface which operates up to 400 kHz. The
–
Supply Voltage
LM75A has three address pins, allowing up to eight
–
LM75A: 2.7 V to 5.5 V
LM75A devices to operate on the same 2-wire bus.
The LM75A has a dedicated overtemperature output
–
Supply Current
(O.S.) with programmable limit and hysteresis. This
–
Operating: 280
μA (Typical)
output has programmable fault tolerance, which lets
–
Shutdown: 4
μA (Typical)
the user to define the number of consecutive error
–
Temperature Accuracy
conditions that must occur before O.S. is activated.
The wide temperature and supply range and I2C
–
25°C to 100°C: ±2°C (Max)
interface make the LM75A ideal for a number of
–
55°C to 125°C: ±3°C (Max)
applications including base stations, electronic test
equipment, office electronics, personal computers,
2 Applications
and any other system in which thermal management
is critical to performance. The LM75A is available in
•
General System Thermal Management
an SOIC-8 package and an VSSOP-8 package.
•
Communications Infrastructure
•
Electronic Test Equipment
Device Information(1)
•
Environmental Monitoring
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
LM75A
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM75AIMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM75AIMM/NOPB TI1-LM75AIMM/NOPB Datasheet
1Mb / 21P
LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results

Similar Description - LM75AIMM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com