Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM75AIM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM75AIM/NOPB Datasheet HTML 10Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 11Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 12Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 13Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 14Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 15Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 16Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 17Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LM75A
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
P3–P7: Must be kept zero.
7.6.2 Temperature Register (Read-Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
X
X
X
X
X
X
X
D0–D6: Undefined.
D7–D15: Temperature Data. One LSB = 0.5°C. Two's complement format.
7.6.3 Configuration Register (Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
Fault Queue
O.S. Polarity
Cmp/Int
Shutdown
Power up default is with all bits “0” (zero).
D0: Shutdown: When set to 1 the LM75A goes to low power shutdown mode.
D1: Comparator/Interrupt mode: 0 is Comparator mode, 1 is Interrupt mode.
D2: O.S. Polarity: 0 is active low, 1 is active high. O.S. is an open-drain output under all conditions.
D3–D4: Fault Queue: Number of faults necessary to detect before setting O.S. output to avoid false tripping due
to noise. Faults are determine at the end of a conversion. See specified temperature conversion time in the
electrical tables.
D4
D3
Number of Faults
0
0
1 (Power-up default)
0
1
2
1
0
4
1
1
6
D5–D7: These bits are used for production testing and must be kept zero for normal operation.
7.6.4 THYST and TOS Register (Read/Write):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
X
X
X
X
X
X
X
D0–D6: Undefined
D7–D15: THYST Or TOS Trip Temperature Data. Power up default is TOS = 80°C, THYST =
75°C
7.6.5 PRODID: Product ID Register (Read-Only) Pointer Address: 07h
D7
D6
D5
D4
D3
D2
D1
D0
1
0
1
0
0
0
0
1
D4--D7 Product Identification Nibble. Always returns Ah to uniquely identify this part as the LM75A.
D0--D3 Die Revision Nibble. Returns 1h to uniquely identify the revision level as one.
14
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com