Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM75AIM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM75AIM/NOPB Datasheet HTML 8Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 9Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 10Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 11Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 12Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 13Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 14Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 15Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
LM75A
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
7.5.2 Temperature Data Format
Temperature data can be read from the Temperature, TOS Set Point, and THYST Set Point registers; and written to
the TOS Set Point, and THYST Set Point registers. Temperature data is represented by a 9-bit, two's complement
word with an LSB (Least Significant Bit) equal to 0.5°C:
Digital Output
Temperature
Binary
Hex
+125°C
0 1111 1010
0FAh
+25°C
0 0011 0010
032h
+0.5°C
0 0000 0001
001h
0°C
0 0000 0000
000h
−0.5°C
1 1111 1111
1FFh
−25°C
1 1100 1110
1CEh
−55°C
1 1001 0010
192h
7.5.3 Shutdown Mode
Shutdown mode is enabled by setting the shutdown bit in the Configuration register via the I2C bus. Shutdown
mode reduces power supply current significantly. See specified quiescent current specification in the electrical
tables. In Interrupt mode O.S. is reset if previously set and is undefined in Comparator mode during shutdown.
The I2C interface remains active. Activity on the clock and data lines of the I2C bus may slightly increase
shutdown mode quiescent current. TOS, THYST, and Configuration registers can be read from and written to in
shutdown mode.
For the LM75A, the TIMEOUT feature is turned off in Shutdown Mode.
7.5.4 Fault Queue
A fault queue of up to 6 faults is provided to prevent false tripping of O.S. when the LM75A is used in noisy
environments. The number of faults set in the queue must occur consecutively to set the O.S. output.
7.5.5 Comparator and Interrupt Mode
As indicated in the O.S. Output Temperature Response Diagram, Figure 7, the events that trigger O.S. are
identical for either Comparator or Interrupt mode. The most important difference is that in Interrupt mode the O.S.
will remain set indefinitely once it has been set. To reset O.S. while in Interrupt mode, perform a read from any
register in the LM75A.
7.5.6 O.S. Output
The O.S. output is an open-drain output and does not have an internal pullup. A “high” level will not be observed
on this pin until pullup current is provided from some external source, typically a pullup resistor. Choice of
resistor value depends on many system factors but, in general, the pullup resistor should be as large as possible.
This will minimize any errors due to internal heating of the LM75A. The maximum resistance of the pullup, based
on LM75A specification for High Level Output Current, to provide a 2-V high level, is 30 k
Ω.
7.5.7 O.S. Polarity
The O.S. output can be programmed via the configuration register to be either active low (default mode), or
active high. In active low mode the O.S. output goes low when triggered exactly as shown on the O.S. Output
Temperature Response Diagram, Figure 7. Active high simply inverts the polarity of the O.S. output.
12
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com