Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIM/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM75AIM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIM/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM75AIM/NOPB Datasheet HTML 1Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 2Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 3Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 4Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 5Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 6Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 7Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 8Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM75A
www.ti.com
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
6.6 Digital DC Characteristics
Unless otherwise noted, these specifications apply for +VS = 2.7 to 5.5 Vdc for LM75AIM and LM75AIMM. TA = TJ = 25°C,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
–55°C
≤ TJ ≤ 125°C
+VS × 0.7
V
VIN(1)
Logical “1” Input Voltage
+VS + 0.3
V
–55°C
≤ TJ ≤ 125°C
−0.3
V
VIN(0)
Logical “0” Input Voltage
+VS × 0.3
V
VIN = +VS
0.005
IIN(1)
Logical “1” Input Current
μA
VIN = +VS, –55°C ≤
1.0
TJ ≤ 125°C
VIN = 0 V
−0.005
IIN(0)
Logical “0” Input Current
μA
VIN = 0 V, –55°C ≤
−1.0
TJ ≤ 125°C
CIN
All Digital Inputs
5
pF
High Level Output
VOH = 5 V, –55°C ≤
IOH
Current
LM75A
1
μA
TJ ≤ 125°C
Open drain leakage
IOL = 3 mA, –55°C ≤
0.4
VOL
Low Level Output Voltage
V
TJ ≤ 125°C
CL = 400 pF IO = 3
250
tOF
Output Fall Time
mA, –55°C
≤ TJ ≤
ns
125°C
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Maximum values (limits) are ensured to AOQL (Average Outgoing Quality Level).
6.7 I
2C Digital Switching Characteristics
Unless otherwise noted, these specifications apply for +VS = 2.7 to 5.5 Vdc for LM75AIM and LM75AIMM on output lines = 80
pF unless otherwise specified. TA = TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)(3)
UNIT
t1
SCL (Clock) Period
–55°C
≤ TJ ≤ 125°C
2.5
ns
t2
Data in Set-Up Time to SCL High
–55°C
≤ TJ ≤ 125°C
100
ns
t3
Data Out Stable after SCL Low
–55°C
≤ TJ ≤ 125°C
0
ns
t4
SDA Low Set-Up Time to SCL Low (Start
–55°C
≤ TJ ≤ 125°C
100
ns
Condition)
t5
SDA High Hold Time after SCL High (Stop
–55°C
≤ TJ ≤ 125°C
100
ns
Condition)
75
SDA Time Low for Reset of Serial
tTIMEOUT
LM75A
ms
Interface(4)
–55°C
≤ TJ ≤ 125°C
325
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Maximum values (limits) are ensured to AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3XVA for a falling edge and Vin(1)=0.7XVA for a rising edge)
when the SCL and SDA edge rates are similar.
(4)
Holding the SDA line low for a time greater than tTIMEOUT will cause the LM75A to reset SDA to the IDLE state of the serial bus
communication (SDA set High).
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com