Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM75AIM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM75AIM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM75AIM/NOPB Datasheet HTML 6Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 7Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 8Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 9Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 10Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 11Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 12Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 13Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
7
6
5
A0
A1
A2
Temperature
Threshold
Silicon Bandgap
Temperature
Sensor
Ð
1-Bit
D/A
10-Bit
Digital
Decimation
Filter
9-Bit Sigma-Delta ADC
Configuration
Register
TOS Set Point
Register
Pointer
Register
THYST Set
Point Register
Set Point
Comparator
3
O.S.
Reset
1
2
SDA
SCL
Two-Wire Interface
4
8
+VS
GND
Product ID
Register
LM75A
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM75A temperature sensor incorporates a band-gap type temperature sensor and 9-bit ADC (sigma-delta
ADC). The temperature data output of the LM75A is available at all times via the I2C bus. If a conversion is in
progress, it will be stopped and restarted after the read. A digital comparator is also incorporated that compares
a series of readings, the number of which is user-selectable, to user-programmable setpoint and hysteresis
values. The comparator trips the O.S. output line, which is programmable for mode and polarity. The LM75A has
an integrated low-pass filter on both the SDA and the SCL line. These filters increase communications reliability
in noisy environments.
The LM75A also has a bus fault timeout feature. If the SDA line is held low for longer than tTIMEOUT (see
specification) the LM75A will reset to the IDLE state (SDA set to high impedance) and wait for a new start
condition. The TIMEOUT feature is not functional in Shutdown Mode.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Digital Temperature Sensor
The LM75A is an industry-standard digital temperature sensor with an integrated sigma-delta ADC and I2C
interface. The LM75A provides 9-bit digital temperature readings with an accuracy of ±2°C from –25°C to 100°C
and ±3°C over –55°C to 125°C.
The LM75A operates with a single supply from +2.7 V to +5.5 V. Communication is accomplished over a 2-wire
interface which operates up to 400kHz. The LM75A has three address pins, allowing up to eight LM75A devices
to operate on the same 2-wire bus. The LM75A has a dedicated over-temperature output (O.S.) with
programmable limit and hysteresis. This output has programmable fault tolerance, which allows the user to
define the number of consecutive error conditions that must occur before O.S. is activated.
7.4 Device Functional Modes
In Comparator mode the O.S. Output behaves like a thermostat. The output becomes active when temperature
exceeds the TOS limit, and leaves the active state when the temperature drops below the THYST limit. In this mode
the O.S. output can be used to turn a cooling fan on, initiate an emergency system shutdown, or reduce system
clock speed. Shutdown mode does not reset O.S. state in a comparator mode.
In Interrupt mode exceeding TOS also makes O.S. active but O.S. will remain active indefinitely until reset by
reading any register via the I2C interface. Once O.S. has been activated by crossing TOS, then reset, it can be
activated again only by Temperature going below THYST. Again, it will remain active indefinitely until being reset
by a read. Placing the LM75A in shutdown mode also resets the O.S. Output.
10
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com