Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3550SPX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3550SPX/NOPB
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550SPX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3550SPX/NOPB Datasheet HTML 12Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 13Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 14Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 15Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 16Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 17Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 18Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 19Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Shutdown
Charge
Flash
Charge and
Torch
Torch
Optimal
Charge
Mode
Voltage
Mode
Charge
VBAT
+
_
ESR
CSC
+
Charger
+
_
+
_
_
VLED
+
_
VFB
IFLASH
VSC
100 mV
VRDSON
VHR
+
_
VCAP
16
LM3550
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.3.9 Maximum Flash Duration
Several factors determine the maximum achievable flash pulse duration. The flash current magnitude, feedback
voltage, RDSON of the current source FET, super-capacitor capacitance (CSC), super-capacitor ESR (RESR) and
super-capacitor charge voltage (VCAP) determine the ability of the device to regulate the flash current for a given
amount of time.
tFLASH (maximum) = (CSC × VDROOP) / IFLASH
where
•
VDROOP = VCAP − VLED − [IFLASH × (RESR + RDSON + {RBAL/N)}] − VFB
•
N = number of flash LEDs
(5)
Example:
If VCAP = 5.3 V, VLED = 4 V (at 1.5 A), IFLASH (total) = 3 A, CSC = 0.5 F, RESR = 50 mΩ, RDSON = 40 mΩ,
VFB = 100 mV, and RBAL = 75 mΩ, then VDROOP = 0.82 V and tFLASH (maximum) = 136 ms.
Figure 37. Power Loss Model
7.4 Device Functional Modes
7.4.1 State Machine Description
Figure 38. Default State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com