Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5008ASDX/NOPB.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5008ASDX/NOPB.B
Description  LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5008ASDX/NOPB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5008ASDX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Copyright © 2016, Texas Instruments Incorporated
FB
VIN
SW
RTN
BST
LM5008A
8
6
5
3
4
1
2
7
SHUTDOWN
VCC
RCL
RT/SD
12 - 95V
Input
324k
C1
1.0 µF
RT
RCL
332k
RFB1
1.0k
RFB2
3.01k
R3
3.0
GND
C2
22 µF
VOUT
10.0V
L1
220 PH
C3
0.47 µF
C4
0.01 µF
D1
C5
0.1 µF
13
LM5008A
www.ti.com
SNVS583H – MARCH 2009 – REVISED OCTOBER 2018
Product Folder Links: LM5008A
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
LM5008A requires only a few external components to convert from a wide range of supply voltages to a fixed
output voltage. To expedite and streamline the process of designing a LM5008A-based converter, a
comprehensive LM5008A Quick-Start tool is available for download to assist the designer with component
selection for a given application. WEBENCH® online software is also available to generate complete designs,
leveraging iterative design procedures and access to comprehensive component databases. The following
sections discuss a design procedure using a typical application example. Figure 10 shows the LM5008A in a
configuration suitable for several application use cases. See the LM5008A EVM for more details.
8.2 Typical Application
The final circuit is shown in Figure 10. The circuit was tested, and the resulting performance is shown in
Figure 14 and Figure 15.
Figure 10. LM5008A Example Circuit
8.2.1 Design Requirements
A guide for determining the component values is shown in Figure 10. Table 1 lists the bill of materials for this
application example. The following steps configure the LM5008A:
•
Input voltage range (VIN): 12 V to 95 V
•
Output voltage (VOUT1): 10 V
•
Load current (for continuous conduction mode): 100 mA to 300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com