Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5008ASDX/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5008ASDX/NOPB.B
Description  LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5008ASDX/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  LM5008ASDX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LM5008A
SNVS583H – MARCH 2009 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: LM5008A
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Application .................................................. 13
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Device Support .................................................... 20
11.2
Documentation Support ........................................ 20
11.3
Receiving Notification of Documentation Updates 21
11.4
Community Resources.......................................... 21
11.5
Trademarks ........................................................... 21
11.6
Electrostatic Discharge Caution ............................ 21
11.7
Glossary ................................................................ 21
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (December 2016) to Revision H
Page
•
Added links for WEBENCH ................................................................................................................................................... 1
•
Changed VSSOP-8 body size to 3 mm × 3 mm in Device Information.................................................................................. 1
Changes from Revision F (March 2013) to Revision G
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Deleted Lead temperature (260°C maximum)........................................................................................................................ 4
•
Changed RθJA value From: 200°C/W To: 139.7°C/W (VSSOP) and From: 40°C/W To: 42°C/W (WSON)............................ 4
Changes from Revision E (March 2013) to Revision F
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com