Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5008ASDX/NOPB.B Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5008ASDX/NOPB.B
Description  LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5008ASDX/NOPB.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5008ASDX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 18Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 19Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Copyright © 2016, Texas Instruments Incorporated
FB
SW
L1
LM5008A
Cff
RFB2
R3
C2
VOUT
RFB1
ON(max)
FB1
FB 2
3 t
Cff =
(R
// R
)
u
16
LM5008A
SNVS583H – MARCH 2009 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: LM5008A
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
C4: The recommended value is 0.01 µF for C4, as this is appropriate in the majority of applications. A high-
quality ceramic capacitor with low ESR is recommended as C4 supplies the surge current to charge the buck
switch gate at turnon. A low ESR also ensures a quick recharge during each off-time. At minimum VIN, when the
on-time is at maximum, it is possible during start-up that C4 does not fully recharge during each 300-ns off-time.
The circuit is not able to complete the start-up, and achieve output regulation. This can occur when the frequency
is intended to be low (for example, RT = 500 K). In this case C4 must be increased so it can maintain sufficient
voltage across the buck switch driver during each on-time.
C5: This capacitor helps avoid supply voltage transients and ringing due to long lead inductance at VIN. A low-
ESR, 0.1-µF ceramic chip capacitor is recommended placed close to the LM5008A.
8.2.2.3 Low-Output Ripple Configurations
For applications where low-output ripple is required, the following options can be used to reduce or nearly
eliminate the ripple:
a. Reduced ripple configuration: In Figure 11, Cff is added across RFB2 to AC-couple the ripple at VOUT
directly to the FB pin. This allows the ripple at VOUT to be reduced to a minimum of 25 mVp-p by reducing
R3, because the ripple at VOUT is not attenuated by the feedback resistors. The minimum value for Cff is
determined by Equation 10:
where
•
tON(max) is the maximum on-time, which occurs at VIN(min). The next larger standard value capacitor must be
used for Cff.
(10)
Figure 11. Reduced Ripple Configuration
b. Minimum ripple configuration: If the application requires a lower value of ripple (<10 mVp-p), the circuit of
Figure 12 can be used. R3 is removed, and the resulting output ripple voltage is determined by the inductor’s
ripple current and C2’s characteristics. RA and CA are chosen to generate a sawtooth waveform at their
junction, and that voltage is AC-coupled to the FB pin through CB. To determine the values for RA, CA, and
CB, use the following procedure in Equation 11:
Calculate VA = VOUT – (VSW × (1 – (VOUT/VIN(min))))
where
•
VSW is the absolute value of the voltage at the SW pin during the off-time (typically 1 V). VA is the DC voltage
at the RA/CA junction, and is used in Equation 12.
(11)
Calculate RA × CA = (VIN(min) – VA) × tON/ΔV
where
•
tON is the maximum on-time (at minimum input voltage), and ΔV is the desired ripple amplitude at the RA/CA
junction (typically 40-50 mV). RA and CA are then chosen from standard value components to satisfy the
above product. Typically CA is 1000 pF to 5000 pF, and RA is 10 kΩ to 300 kΩ. CB is then chosen large
compared to CA, typically 0.1 µF.
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com