Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5008ASDX/NOPB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5008ASDX/NOPB.B
Description  LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5008ASDX/NOPB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5008ASDX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5008ASDX/NOPB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Copyright © 2016, Texas Instruments Incorporated
Q
Q
FB
VIN
VCC
SW
RTN
ON TIMER
DRIVER
Vin
BST
LEVEL
SHIFT
THERMAL
SHUTDOWN
FINISH
START
RCL
FINISH
START
RT
L1
R
VCC
UVLO
FB
D1
UVLO
REGULATION
COMPARATOR
SD
FINISH
START
REGULATOR
CURRENT LIMIT
OFF TIMER
SHUTDOWN
GD
BUCK
SWITCH
CURRENT
SENSE
GND
LM5008A
7V BIAS
BYPASS
SWITCH
RT
2.875V
VINSENSE
Q2
C1
C5
6V to 95V
Input
RT/SD
0.7V
300 ns MIN
OFF TIMER
CLR
R
SET
S
0.51A
C2
C3
VOUT
R3
RFB1
FB2
RCL
RCL
2.5V
OVER-VOLTAGE
COMPARATOR
CHARGE
PRE -
C4
8
LM5008A
SNVS583H – MARCH 2009 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: LM5008A
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM5008A regulator is an easy-to-use buck DC-DC converter that operates from 6-V to 95-V supply voltage.
The device is intended for step-down conversions from 12-V, 24-V, and 48-V unregulated, semi-regulated and
fully-regulated supply rails. With integrated buck power MOSFET, the LM5008A delivers up to 350-mA DC load
current with exceptional efficiency and low input quiescent current in a very small solution size.
Designed for simple implementation, a nearly fixed-frequency, constant on-time (COT) operation with
discontinuous conduction mode (DCM) at light loads is ideal for low-noise, high current, fast transient load
requirements. Control loop compensation is not required reducing design time and external component count.
The LM5008A incorporates other features for comprehensive system requirements, including VCC undervoltage
lockout (UVLO), gate drive undervoltage lockout, maximum duty cycle limiter, intelligent current limit off-timer, a
pre-charge switch, and thermal shutdown with automatic recovery. These features enable a flexible and easy-to-
use platform for a wide range of applications. The pin arrangement is designed for simple and optimized PCB
layout, requiring only a few external components.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Control Circuit Overview
The LM5008A is a buck DC-DC regulator that uses a control scheme in which the on-time varies inversely with
line voltage (VIN). Control is based on a comparator and the on-time one-shot, with the output voltage feedback
(FB) compared to an internal reference (2.5 V). If the FB level is below the reference the buck switch is turned on
for a fixed time determined by the line voltage and a programming resistor (RT). Following the ON period, the
switch remains off for at least the minimum off-timer period of 300 ns. If FB is still below the reference at that
time, the switch turns on again for another on-time period. This continues until regulation is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com