Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM96063CISDX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM96063CISDX/NOPB
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063CISDX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM96063CISDX/NOPB Datasheet HTML 12Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 13Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 14Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 15Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 16Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 17Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 18Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 19Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
n
n+1
n+2
n+3
n+4
n+5
SAMPLE NUMBER
RDTS Measurement
Status Register: RTDS High
25
27
29
31
33
35
37
39
41
43
45
0
50
100
150
200
SAMPLE NUMBER
LM96063
with Filter
On
LM96063
with
Filter Off
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Figure 10. Filter Curves were Purposely Offset for Clarity
Figure 10 shows the filter in use in a typical Intel processor on a 65/90 nm process system. Note that the two
curves have been purposely offset for clarity. Inserting the filter does not induce an offset as shown.
FAULT QUEUE
The LM96063 incorporates a Fault Queue to suppress erroneous ALERT triggering. The Fault Queue prevents
false triggering by requiring three consecutive out-of-limit HIGH or LOW temperature readings. See Figure 11.
The Fault Queue defaults to OFF upon power-up and may be activated by setting the RDTS Fault Queue bit in
the Configuration Register to a 1.
Figure 11. Fault Queue Temperature Response Diagram
ONE-SHOT REGISTER
The One-Shot Register is used to initiate a single conversion and comparison cycle when the device is in
standby mode, after which the data returns to standby. This is not a data register. A write operation causes the
one-shot conversion. The data written to this address is irrelevant and is not stored. A zero will always be read
from this register.
SERIAL INTERFACE RESET
In the event that the SMBus Master is reset while the LM96063 is transmitting on the SMBDAT line, the
LM96063 must be returned to a known state in the communication protocol. This may be done in one of two
ways:
1. When SMBDAT is Low, the LM96063 SMBus state machine resets to the SMBus idle state if either SMBDAT
or SMBCLK are held Low for more than 35 ms (tTIMEOUT). Devices are to timeout when either the SMBCLK or
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com