Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM96063CISDX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM96063CISDX/NOPB
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063CISDX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM96063CISDX/NOPB Datasheet HTML 1Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 2Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 3Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 4Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 5Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 6Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 7Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 8Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
Check for Samples: LM96063
1
FEATURES
APPLICATIONS
2
•
Accurately Senses Remote Diode-Connected
•
Communications Infrastructure FPGA, ASIC or
MMBT3904 Transistors or Thermal Diodes On-
Processor Thermal Management
Board Processors, FPGAs or ASICs
•
Electronic Test and Office Equipment
•
Accurately Senses Its Own Local Die
•
Industrial Controls
Temperature
•
Offset Register can Adjust for a Variety of
DESCRIPTION
Thermal Diodes
The LM96063 is remote diode temperature sensors
with integrated fan control that includes remote diode
•
Resolves Remote Temperatures up to
sensing. The LM96063 accurately measures: (1) its
255.875°C
own temperature and (2) the temperature of a diode-
•
10-bit Plus Sign and 11-bit Unsigned Data
connected transistor, such as a 2N3904, or a thermal
Formats, with 1/8°C Resolution
diode commonly found on Computer Processors,
•
Digital Filter of Remote Data Lowers Noise and
Graphics Processor Units (GPU) and other ASIC's.
Improves Resolution to 1/32°C
The LM96063 also features an integrated, pulse-
•
Integrated PWM Fan Speed Control Output
width-modulated
(PWM),
open-drain
fan
control
Supports High Resolution at 22.5kHz
output. Fan speed is a combination of the remote
temperature reading, the lookup table and register
Frequency for 4-Pin Fans
settings. The 12-step Lookup Table (LUT) enables
•
Acoustic Fan Noise Reduction with User-
the user to program a non-linear fan speed vs.
Programmable 12-Step Lookup Table
temperature transfer function often used to quiet
•
LUT Transition Fine Resolution Smoothing
acoustic fan noise. In addition a fully programmable
Function
ramping function has been added to allow smooth
transitions between LUT setpoints.
•
Tachometer Input for Measuring Fan RPM with
Smart-Tach Modes for Measuring RPM of Fans
The LM96063 is targeted mainly for a transistor
when Pulse-Width-Modulating an Actual Power
MMBT3904 used as thermal diodes or thermal diodes
found in many FPGAs, ASICs, and processors on
•
ALERT Output for Error Event Notification
SOI processes. The LM96163 is identical to the
•
TCRIT Output for Critical Temperature System
LM96063
except
the
TruTherm
BJT
Beta
Shutdown
compensation is enabled at power up that is targeted
•
SMBus 2.0 Compatible Interface, Supports
for thermal diodes found on popular processors using
TIMEOUT
bulk non SOI processes.
•
WSON Packages
Table 1. KEY SPECIFICATIONS
Supply Voltage
3.0 V to 3.6 V
Supply Current (0.8Hz Conversion)
456 µA (typ)
Remote Diode Temp Accuracy (TruTherm off, includes quantization error)
Ambient
Diode
Max
Temp
Temp
Error
+25 to +85°C
+50 to +105°C
±0.75°C
+25 to +85°C
+40 to +105°C
±1.5°C
-40 to +25°C
+25 to +125°C
±3°C
Local Temp Accuracy (includes quantization error)
AmbientTemp
MaxError
+25°C to +125°C
±3.0°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM96063CISDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063CISDX/NOPB TI1-LM96063CISDX/NOPB Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results

Similar Description - LM96063CISDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
Precision Remote Diode Digital Temperature Sensor
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com