Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM96063CISDX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM96063CISDX/NOPB
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063CISDX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM96063CISDX/NOPB Datasheet HTML 1Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 2Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 3Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 4Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 5Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 6Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 7Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 8Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
DC Electrical Characteristics
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
The following specifications apply for VDD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS = 50Ω unless
otherwise specified in the conditions. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = +25°C; unless
otherwise noted. TD is the junction temperature of the remote thermal diode. TJ is the junction temperature of the LM96063.
Typical
Units
Parameter
Test Conditions
Limits (2)
(1)
(Limits)
Temperature Error Using an MMBT3904
TD = +50°C to +105°C
Remote Thermal Diode
TA = +25°C to +85°C
TD = Remote Diode
±0.75
°C (max)
Junction Temperature
TA = +25°C to +85°C
TD = +40°C to +125°C
±1.5
°C (max)
TA = -40°C to +25°C
TD = +25°C to +125°C
±3.0
°C (max)
Temperature Error Using the Local Diode (3)
TA = +25°C to +125°C
±1
±3
°C (max)
TA = -40°C to +25°C
±6
°C (max)
11
Bits
Remote Diode Resolution
0.125
°C
8
Bits
Local Diode Resolution
1
°C
Conversion Time, All Temperature Channels
Fastest Setting
38.3
41.1
ms (max)
D
− Source Voltage
0.4
V
225
µA (max)
(VD+ − VD−) = +0.65 V; High Current
172
Diode Source Current
100
µA (min)
Low Current
10.75
µA
Diode Source Current Ratio
16
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM96063 and the thermal resistance. See Note 4 in the Absolute Maximum Ratings table for the
thermal resistance to be used in the self-heating calculation.
Operating Electrical Characteristics
Typ
Limits
Parameter
Test Conditions
Units
(1)
(2)
2.8
V (max)
VPOR
Power-On-Reset Threshold Voltage
1.6
V (min)
SMBus Inactive, 13 Hz
1.1
1.6
mA (max)
Conversion Rate
IS
Supply Current (3)
SMBus Inactive, 0.8 Hz
456
825
µA (max)
Conversion Rate
STANDBY Mode
416
700
µA (max)
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
The supply current will not increase substantially with an SMBus transaction.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com