Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM96063CISDX/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LM96063CISDX/NOPB
Description  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063CISDX/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM96063CISDX/NOPB Datasheet HTML 28Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 29Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 30Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 31Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 32Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 33Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 34Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 35Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
R
7
1
[Reserved]
This bit is unused and always read as 1.
Local High Alarm Mask
R/W
6
0
LHAM
0: a Local High Alarm event will generate an ALERT.
1: a Local High Alarm will not generate an ALERT
R
5
1
[Reserved]
This bit is unused and always read as 1.
Remote High Alarm Mask
4
0
RHAM
0: Remote High Alarm event will generate an ALERT.
1: a Remote High Alarm event will not generate an ALERT.
R/W
Remote Low Alarm Mask
16
3
0
RLAM
0: a Remote Low Alarm event will generate an ALERT.
1: a Remote Low Alarm event will not generate an ALERT.
R
2
1
[Reserved]
This bit is unused and always read as 1.
Remote T_CRIT Alarm Mask
1
0
RTAM
0: a Remote T_CRIT event will generate an ALERT.
1: a Remote T_CRIT event will not generate an ALERT.
R/W
TACH Alarm Mask
0
0
TCHAM
When this bit is a 0, a Tach Alarm event will generate an ALERT.
When this bit is a 1, a Tach Alarm event will not generate an ALERT.
33HEX POWER ON RESET STATUS REGISTER
Power On Reset Status
7
NR
0: Power On Reset cycle over part ready
33
R
—
1: Power On Reset cycle in progress part not ready
6:0
[Reserved]
These bits are unused and will always report 0.
Conversion Rate and One-Shot Registers
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
04 (0A)HEX CONVERSION RATE REGISTER (8-bits)
R
7:4
[Reserved]
These bits are unused and will always be set to 0.
Conversion Rate
Sets the conversion rate of the LM96063.
0000 = 0.05 Hz
0001 = 0.1 Hz
0010 = 0.204 Hz
0011 = 0.406 Hz
04 (0A)
0x08
R/W
3:0
CONV3:CONV0
0100 = 0.813 Hz
0101 = 1.625 Hz
0110 = 3.25 Hz
0111 = 6.5 Hz
1000 = 13 Hz
1001 = 26 Hz
All other values = 26 Hz
0FHEX ONE-SHOT REGISTER (8-bits)
One Shot Trigger
Write
0F
7:0
N/A
With the LM96063 in the STANDBY mode a single write to this register will
Only
initiate one complete temperature conversion cycle. Any value may be written.
ID Registers
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
FEHEX MANUFACTURER’S ID REGISTER (8-bits)
FE
R
7:0
0x01
Manufacturer’s ID
0x01 = Texas Instruments
FFHEX STEPPING / DIE REVISION ID REGISTER (8-bits)
Stepping/Die
FF
R
7:0
0x49
Version of LM96063
Revision ID
32
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com