Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6580VS/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 13Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 14Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 15Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 16Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 17Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 18Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
-2.25
-2
-1.75
-1.5
-3.75
-3.5
-3.25
-3
-2.25
INPUT VOLTAGE (V)
100°C
25°C
-40°C
V
+
= +5V
V
-
= -5V
100: LOAD
-2
-1
0
1
2
INPUT VOLTAGE (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
VS = ±3.3V
NO LOAD
-3
-2
-1
0
1
2
3
INPUT VOLTAGE (V)
-4
-3
-2
-1
0
1
2
3
4
VS = ±5V
NO LOAD
1.5
1.75
2
2.25
2.75
3
3.25
3.5
3.75
INPUT VOLTAGE (V)
100°C
25°C
-40°C
V
+
= +5V
V
-
= -5V
100: LOAD
1
10
100
-90
-85
-80
-75
-70
-65
-60
-55
FREQUENCY (MHz)
VOUT = 0.5V
VOUT = 4V
VOUT = 2V
V
+
= +5V
V
-
= -5V
RL = 100:
1
10
100
-90
-85
-80
-75
-70
-65
-60
-55
FREQUENCY (MHz)
VOUT = 0.5V
VOUT = 2V
VOUT = 3V
V
+
= +3.3V
V
-
= -3.3V
RL = 100:
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMH6581 (continued)
Second Order Distortion vs. Frequency
Third Order Distortion vs. Frequency
Figure 48.
Figure 49.
No Load Output Swing
Positive Swing over Temperature
Figure 50.
Figure 51.
Negative Swing Over Temperature
No Load Output Swing
Figure 52.
Figure 53.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com