Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6580VS/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6580VS/NOPB
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 11Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 12Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
FREQUENCY (MHz)
1
10
100
-100
-90
-80
-70
-60
-50
V
+
= +5V
V
-
= -5V
RL = 100:
VOUT = 3V
VOUT = 1V
VOUT = 0.5V
FREQUENCY (MHz)
1
10
100
-100
-90
-80
-70
-60
-50
V
+
= +5V
V
-
= -5V
RL = 100:
VOUT = 1V
VOUT = 3V
VOUT = 0.5V
0.1
1
10
100
1000
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
0.1
1
10
100
1000
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
INPUTS ONLY
INPUTS & OUTPUTS
OUTPUTS ONLY
0
5
10 15 20 25 30 35 40 45 50
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
TIME (ns)
V
+
= +5V
V
-
= -5V
RL = 100:
SINGLE CHANNEL
0
5
10 15 20 25 30 35 40 45 50
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
TIME (ns)
V
+
= +3.3V
V
-
= -3.3V
RL = 100:
SINGLE CHANNEL
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMH6580 (continued)
1 VPP Pulse Response
1 VPP Pulse Response
Figure 13.
Figure 14.
Channel to Channel Crosstalk
All Hostile Crosstalk
Figure 15.
Figure 16.
Second Order Distortion (HD2) vs. Frequency
Third Order Distortion (HD3) vs. Frequency
Figure 17.
Figure 18.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com