| Electronic Components Datasheet Search |
|
LP5562TMX/NOPB Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5562TMX/NOPB Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 52 page ![]() SDA SCL S P START condition STO P condition SVA-30197412 S 1 2 3...6 7 8 9 Start Condition Acknowledge Signal from Receiver Transmitter Stays off the Bus During the Acknowledge Clock SVA-30197411 SCL SDA data change allowed data valid data change allowed data valid data change allowed SVA-30197410 26 LP5562 SNVS820B – APRIL 2013 – REVISED DECEMBER 2016 www.ti.com Product Folder Links: LP5562 Submit Documentation Feedback Copyright © 2013–2016, Texas Instruments Incorporated 7.5.2.2 Data Transactions One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock (SCL). Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the SDA line during the high state of the SCL and in the middle of a transaction, aborts the current transaction. New data should be sent during the low SCL state. This protocol permits a single data line to transfer both command/control information and data using the synchronous serial clock. Figure 20. Data Validity Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and a Stop Condition to terminate the transaction. Every byte written to the SDA bus must be 8 bits long and is transferred with the most significant bit first. After each byte, an Acknowledge signal must follow. The following sections provide further details of this process. Figure 21. Acknowledge Signal The Master device on the bus always generates the Start and Stop Conditions (control codes). After a Start Condition is generated, the bus is considered busy and it retains this status until a certain time after a Stop Condition is generated. A high-to-low transition of the data line (SDA) while the clock (SCL) is high indicates a Start Condition. A low-to-high transition of the SDA line while the SCL is high indicates a Stop Condition. Figure 22. Start and Stop Conditions In addition to the first Start Condition, a repeated Start Condition can be generated in the middle of a transaction. This allows another device to be accessed, or a register read cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |