Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0580/PC/7 Datasheet(PDF) 10 Page - Bulgin Limited. All rights reserved.

Part # PX0580/PC/7
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0580/PC/7 Datasheet(HTML) 10 Page - Bulgin Limited. All rights reserved.

Back Button PX0580/PC/7 Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 14Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
246 IEC Connectors
Rewirable Cold Condition (Fused Twin)
IEC Connectors
EN60 320-1 Standard Sheet C14 Class I
Flanged Mount Fused Inlet
PC Flanged Mount Fused Inlet
Snap Fit to Panel Fused Inlet
PF0030/28
PF0030/PC
PF0033/10/28
Twin Fused 5 x 20mm
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Twin Fused 5 x 20mm
PC Spills
10A, 250V a.c.
Twin Fused 5 x 20mm
Fits Panel Sizes 1.0, 1.5, 2.0
or 3.0mm
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Specifications
Fixing(Panel):
Terminations:
Max. Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Max. Dissipation Per
Fuse:
Operating Temp.
Max. Pin Temp.:
Mouldings:
Contacts:
Approvals:
Accessories / Notes:
Mating Connectors:
RoHS
Flange
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
10A, 250V a.c.
<15mΩ (per pole)
>10⁴ MΩ
Pole-Pole 6kV. Poles-Panel 5kV
2.5W
–20°C to +70°C
+70°C
Nylon, Flammability Rating UL94V-0
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
KT0009 (See Page 150)
PX0587, PX0587/SE, PX0588
Compliant
PF0030/Termination
PF0030/PC
PF0033/Panel/Termination
P.C.B/Flange
P.C. Spills
10A, 250V a.c.
<15mΩ (per pole)
>10⁴ MΩ
Pole-Pole 6kV. Poles-Panel 5kV
2.5W
–20°C to +70°C
+70°C
Nylon, Flammability Rating UL94V-0
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
PX0587, PX0587/SE, PX0588
Compliant
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
10A, 250V a.c.
<15mΩ (per pole)
>10⁴ MΩ
Pole-Pole 6kV. Poles-Panel 5kV
2.5W
–20°C to +70°C
+70°C
Nylon, Flammability Rating UL94V-0
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
PX0587, PX0587/SE, PX0588
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com