Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0580/PC/7 Datasheet(PDF) 25 Page - Bulgin Limited. All rights reserved.

Part # PX0580/PC/7
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0580/PC/7 Datasheet(HTML) 25 Page - Bulgin Limited. All rights reserved.

Back Button PX0580/PC/7 Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 23Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 24Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 25Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 26Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
IEC Connectors 261
IEC Connectors
Accessories
Blanking Cover
Blanking Cover
PNo 14228
PNo 14277
Insulation Boot
PNo 14340
Insulation Boot
PNo 14317
Specifications
Operating Temp:
Max. Working Voltage:
Flash Tested:
Material:
Flammability Rating:
RoHS
Blanking cover for
PX0578,
PX0675,
PX0695,
PX0783,
PX0793,
PX0716,
PX0717,
PX0718
–40°C to +70°C
250V a.c.
2kV a.c.
Nylon
UL94V-0
Compliant
P.No. 14228
P.No. 14277
P.No. 14340
P.No. 14317
Blanking cover for
PX0591,
PX0592,
–40°C to +70°C
250V a.c.
2kV a.c.
Nylon
UL94V-0
Compliant
Insulation boot for
PS20,
PS21,
PS25,
PS25,
–20°C to +60°C
250V a.c.
2kV a.c.
P.V.C.
UL94V-0
Compliant
Insulation boot for
PF0030,
PF0033
(except /PC versions)
–20°C to +60°C
250V a.c.
2kV a.c.
P.V.C.
UL94V-0
Compliant
Blanking covers
Protects Front of Outlet Connector
Protects Against Accidental Electric Shock
PVC Insulation Boots
Protects Rear of Connector
Protects Against Accidental Electric Shock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com