Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0580/PC/7 Datasheet(PDF) 22 Page - Bulgin Limited. All rights reserved.

Part # PX0580/PC/7
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0580/PC/7 Datasheet(HTML) 22 Page - Bulgin Limited. All rights reserved.

Back Button PX0580/PC/7 Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 23Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 24Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 25Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 26Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
258 IEC Connectors
Cold Conditions
IEC Connectors
EN60 320-1 Standard Sheet C19 & C20 Class I
C19 Straight Female Cable Connector
C20 Flange Mount Inlet
C20 Snap Fit to Panel Inlet
PX0599
PX0596
PX0598
Rewirable Screw Terminals
16A, 250V a.c.
(20A, 250V a.c. UL and CSA)
Wire Sizes (max);
3 x 2.5mm2, 3 x 12AWG
Overall cable diameter up to
12mm
6.3mm or 4.8mm Tabs
16A, 250V a.c.
(20A, 250V a.c. UL and CSA)
Fits panel sizes 1, 1.5, 2.0
or 3.0mm
6.3mm or 4.8mm Tabs
16A, 250V a.c.
(20A, 250V a.c. UL and CSA)
Specifications
Fixing (Panel):
Terminations:
Max. Rating:
Insulation Resistance:
Dielectric Strength
Between contacts:
Between contacts &
accessible surfaces:
Operating Temp. Range:
Max. Pin Temp.:
Withdrawal Force:
Mouldings:
Contacts:
Approvals:
Mating Connectors:
Accessories:
RoHS
Screw Terminals
16A, 250V ac
20A, 250V ac UL and CSA
>5MΩ
1.5kV ac
3kV ac
–40ºC to +70ºC
15N Min, 60N Max.
Nylon, Flammability Rating UL94V-0
Brass, Clean
C20 Inlets; PX0596 Flange and
PX0598 Snapfit
Compliant
PX0599
PX0596/Termination
PX0598/Panel/Termination
Flange
/63 (6.3mm tab), /48 (4.8mm tab)
16A, 250V ac
20A, 250V ac UL and CSA
>10⁶ MΩ
1.5kV ac
3kV ac
–40ºC to +70ºC
70ºC
Nylon, Flammability Rating UL94V-0
Pins: Brass, Nickel Plated
Tabs: Brass, Tin Plate
PX0599 Rewirable Connector
KT0012, P.No. 14064
(see Pages 150 & 152)
Compliant
Snap Fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/63 (6.3mm tab), /48 (4.8mm tab)
16A, 250V ac
20A, 250V ac UL and CSA
>10⁶ MΩ
1.5kV ac
3kV ac
–40ºC to +70ºC
70ºC
Nylon, Flammability Rating UL 94V-0
Pins: Brass, Nickel Plated
Tabs: Brass, Tin Plated
PX0599 Rewirable Connector
P.No. 14064 (see Page 152)
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com