Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0580/PC/7 Datasheet(PDF) 11 Page - Bulgin Limited. All rights reserved.

Part # PX0580/PC/7
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0580/PC/7 Datasheet(HTML) 11 Page - Bulgin Limited. All rights reserved.

Back Button PX0580/PC/7 Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PX0580/PC/7 Datasheet HTML 15Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
IEC Connectors 247
Class 1 Hot Condition
IEC Connectors
EN60 320-1 Standard Sheet C15 & C16 Class I
Straight Female Connector
Flange Mount Inlet
Snap Fit to Panel Inlet
PX0597
PX0590/28
PX0595/10/28
Cable Mounting
Hot Condition
Mates with PX0590 and
PX0595
Screw Terminals
10A, 250V a.c.
Hot Condition
2.8 or 6.3mm Tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Hot Condition
Panel Sizes 1, 1.5, 2.0 or
3.0mm
2.8, 4.8, 6.3mm Tabs or
Screw Terminals
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Specifications
Fixing(Panel):
Terminations:
Colours:
Max. Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp.
Max. Pin Temp:
Withdrawal Force:
Mouldings:
Contacts:
Approvals:
Accessories / Notes:
Mating Connectors:
RoHS
Screw Terminals
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
<10mΩ
>10³ MΩ
Pole-Pole 4.5kV. Poles-Accessible
Parts 4kV
–40°C to +70°C
10N (Min.) 50N (Max.)
Nylon, Flammability Rating UL94V-0
Brass, Clean
VDE and ENEC approval for black and
white versions only.
PX0590, PX0595
Compliant
PX0597/Col
PX0590/Term/Col
PX0595/Panel/Term/Col
Flange
/28 (2.8mm solder), /63 (6.3mm tab)
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
<10mΩ
>10³ MΩ
Pole-Pole 5kV. Poles-Panel 10kV
–40°C to +70°C
+120°C
Nylon, Flammability Rating UL94V-0
Brass, Pins Nickel Plated. Tabs, Tin Plated
P.No. 11328, KT0006
(See Pages 150 & 152)
VDE and ENEC approval for black versions
only.
PX0597
Compliant
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab), /TERM (screw)
No suffix (Black), /WH (White), /GY (Grey)
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
<10mΩ
>10³ MΩ
Pole-Pole 5kV. Poles-Panel 5.4kV
–40°C to +70°C
+120°C
Nylon, Flammability Rating UL94V-0
Brass, Pins Nickel Plated. Tabs, Tin Plated
P.No. 11328 (See Page 152)
VDE and ENEC approval for black versions only.
PX0597
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com