Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1802DBRG4.B Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1802DBRG4.B
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DBRG4.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1802DBRG4.B Datasheet HTML 12Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 13Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 14Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 15Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 16Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 17Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 18Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 19Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
PCM1802
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Table 5. Oversampling Control
OSR
OVERSAMPLING RATIO
LOW
×64
HIGH
×128 (fS < 50 kHz)
7.4.2 Serial Audio Data Interface
The PCM1802 interfaces with the audio system through BCK, LRCK, FSYNC, and DOUT.
7.4.2.1 Data Format
The PCM1802 supports four audio data formats in both master and slave modes, and they are selected by FMT1
and FMT0 as shown in Table 6. Figure 23 and Figure 25 illustrate the data formats in slave mode and master
mode, respectively.
Table 6. Data Format
FORMAT
FMT1
FMT0
FORMAT
0
0
0
Left-justified, 24-bit
1
0
1
I2S, 24-bit
2
1
0
Right-justified, 24-bit
3
1
1
Right-justified, 20-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com