Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1802DBRG4.B Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1802DBRG4.B
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DBRG4.B Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1802DBRG4.B Datasheet HTML 20Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 21Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 22Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 23Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 24Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 25Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 26Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 27Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
PCM1802
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The PCM1802 requires a 5-V nominal supply and a 3.3-V nominal supply. The 5-V supply is for the analog
circuitry powered by the VCC pin. The 3.3-V supply is for the digital circuitry powered by the VDD pin. The
decoupling capacitors for the power supplies must be placed close to the device pins.
10 Layout
10.1 Layout Guidelines
10.1.1 VCC and VDD Pins
The digital and analog power supply lines to the PCM1802 must be bypassed to the corresponding ground pins
with 0.1-µF ceramic and 10-µF tantalum capacitors as close to the pins as possible to maximize the dynamic
performance of the ADC.
10.1.2 AGND and DGND Pins
To maximize the dynamic performance of the PCM1802, the analog and digital grounds are not connected
internally. These grounds must have low impedance to avoid digital noise feeding back into the analog ground.
They must be connected directly to each other under the parts to reduce the potential noise problem.
10.1.3 VIN Pins
TI recommends a 1-µF capacitor for AC-coupling, which gives an 8-Hz cutoff frequency. A higher full-scale input
voltage, if required, can be accommodated by adding only one series resistor to each VIN pin.
10.1.4 VREF1 Pin
TI recommends a ceramic capacitor of 0.1 µF and an electrolytic capacitor of 10 µF between VREF1 and AGND
to ensure low source impedance for the ADC references. These capacitors must be placed as close as possible
to the VREF1 pin to reduce dynamic errors on the ADC references.
10.1.5 VREF2 Pin
The differential voltage between VREF2 and AGND sets the analog input full-scale range. TI recommends a
ceramic capacitor of 0.1 µF and an electrolytic capacitor of 10 µF between VREF2 and AGND with the insertion
of a 1-kΩ resistor between VCC and VREF2 when using a noisy analog power supply. These capacitors and
resistor are not required for a clean analog supply. These capacitors must be placed as close as possible to the
VREF2 pin to reduce dynamic errors on the ADC references. Full-scale input level is affected by this 1-kΩ
resistor, decreasing by 3%.
10.1.6 DOUT Pin
The DOUT pin has enough load drive capability, but TI recommends placing a buffer near the PCM1802 and
minimizing load capacitance if the DOUT line is long, to minimize the digital-analog crosstalk and maximize the
dynamic performance of the ADC.
10.1.7 System Clock
The quality of the system clock can influence dynamic performance, as the PCM1802 operates based on the
system clock. In slave mode, it may be necessary to consider the system-clock duty cycle, jitter, and the time
difference between the system clock transition and the BCK or LRCK transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com