Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1802DBRG4.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1802DBRG4.B
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DBRG4.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1802DBRG4.B Datasheet HTML 18Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 19Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 20Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 21Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 22Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 23Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 24Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 25Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
VINL
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PCM1802
VINR
VREF1
VREF2
VCC
AGND
PDWN
BYPAS
FSYNC
LRCK
MODE1
DGND
MODE0
FMT1
FMT0
OSR
DOUT
BCK
VDD
SCKI
+
Oversampling
System Clock
L-Ch IN
R-Ch IN
0 V
5 V
C4(2)
C5(3)
Power Down
LCF Bypass
Control
+
C3(2)
L/R Clock
Frame Sync.
Audio Data
Processor
Mode [1:0]
Format [1:0]
3.3 V
0 V
Data Clock
Data Out
C1(1)
C2(1)
Control
C6(4)
R1(5)
S0026-02
+
+
+
+
Copyright © 2016, Texas Instruments Incorporated
22
PCM1802
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The PCM1802 device is suitable for wide variety of cost-sensitive consumer applications requiring good
performance and operation with a 5-V analog supply and 3.3-V digital supply.
8.2 Typical Application
Figure 28 illustrates a typical circuit connection diagram in which the cutoff frequency of the input HPF is about
8 Hz.
(1)
C1, C2: A 1-µF capacitor gives a 8-Hz (τ = 1 µF × 20 kΩ) cutoff frequency for input HPF in normal operation and
requires a power-on settling time with a 20-ms time constant during the power-on initialization period.
(2)
C3, C4: Bypass capacitors, 0.1-µF ceramic and 10-µF tantalum, depending on layout and power supply
(3)
C5: TI recommends 0.1-µF ceramic and 10-µF tantalum capacitors.
(4)
C6: TI recommends 0.1-µF ceramic and 10-µF tantalum capacitors when using a noisy analog power supply. These
capacitor are not required for a clean analog supply.
(5)
R1: TI recommends a 1-kΩ resistor when using a noisy analog power supply. This resistor is shorted for a clean
analog supply.
Figure 28. Typical Circuit Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com