Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1802DBRG4.B Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1802DBRG4.B
Description  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DBRG4.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1802DBRG4.B Datasheet HTML 19Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 20Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 21Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 22Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 23Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 24Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 25Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 26Page - Texas Instruments PCM1802DBRG4.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
Input Level = −0.5 dB
Data Points = 8192
G015
c
f
RC
1
2
=
p
23
PCM1802
www.ti.com
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 10 as the input parameters.
Table 10. Design Parameters
PARAMETER
VALUE
Analog input voltage
0 VP–P to 3 VP–P
Output
PCM audio data
System clock input frequency
2.048 MHz to 49.152 MHz
Output sampling frequency
8 kHz to 96 kHz
Power supply
3.3 V and 5 V
8.2.2 Detailed Design Procedure
8.2.2.1 Control Pins
The FMT, MODE, OSR, and BYPASS control pins are controlled by tying up to VDD, down to GND, or driven
with GPIO from the DSP or audio processor.
8.2.2.2 DSP or Audio Processor
In this application a DSP or audio processor acts as the audio master, and the PCM1802 acts as the audio
slave. This means the DSP or audio processor must be able to output audio clocks that the PCM1802 can use to
process audio signals.
8.2.2.3 Input Filters
For the analog input circuit an AC-coupling capacitor must be placed in series with the input. This removes the
DC component of the input signal. An RC filter can also be implemented to filter out of band noise to reduce
aliasing. Equation 1 calculates the cutoff frequency of the optional RC filter for the input.
(1)
8.2.3 Application Curve
Figure 29. Amplitude vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com