Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIF-3-RPT-LV-230AC/3X21 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # RIF-3-RPT-LV-230AC/3X21
Description  Relay Module - RIF-3-RPT-LV-230AC/3X21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-3-RPT-LV-230AC/3X21 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 1Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 2Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 3Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 4Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 5Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 6Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 7Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 8Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/gb/products/2903292
01/20/2017   Page 3 / 10
Relay Module - RIF-3-RPT-LV-230AC/3X21 - 2903292
Technical data
Connection data output side
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 1.5 mm²
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
Conductor cross section AWG
26 ... 16
General
Test voltage relay winding/relay contact
2.5 kVrms (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay socket)
RT I (Relay)
Mechanical service life
Approx. 2x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Connection in acc. with standard
CSA
Standards/regulations
DIN EN 50178
IEC 62103
Rated insulation voltage
250 V AC
Rated surge voltage
4 kV
Insulation
Basic insulation
Degree of pollution
2
Overvoltage category
III
Drawings
Circuit diagram
A2
A1
12
32
22
14
34
24
11
31
21
AC coils
Diagram
0,6
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
20
30
40
50
60
70
80
Ambienttemperature[°C]
DCcoil(observecontactderating)
ACcoil(observecontactderating)
Operating voltage range



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com