Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIF-3-RPT-LV-230AC/3X21 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # RIF-3-RPT-LV-230AC/3X21
Description  Relay Module - RIF-3-RPT-LV-230AC/3X21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-3-RPT-LV-230AC/3X21 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 1Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 2Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 3Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 4Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 5Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 6Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 7Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 8Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
https://www.phoenixcontact.com/gb/products/2903292
01/20/2017   Page 5 / 10
Relay Module - RIF-3-RPT-LV-230AC/3X21 - 2903292
Articles in set
Plug-in module - RIF-V-120-230 UC - 2900948
Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with varistor, input voltage: 120 - 230 V AC/DC
±20%
 
 
Retaining bracket - RIF-RH-3 - 2900955
Relay retaining bracket, with holder for marking material, suitable for RIF-3 relay base, for octal relay
 
 
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371603
eCl@ss 5.1
27371603
eCl@ss 6.0
27371603
eCl@ss 7.0
27371603
eCl@ss 8.0
27371601
eCl@ss 9.0
27371601
ETIM
ETIM 3.0
EC001456
ETIM 4.0
EC001456
ETIM 5.0
EC001437
ETIM 6.0
EC001437
UNSPSC
UNSPSC 6.01
30211917
UNSPSC 7.0901
39121516
UNSPSC 11
39121516
UNSPSC 12.01
39121516
UNSPSC 13.2
39122334
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com