Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIF-3-RPT-LV-230AC/3X21 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # RIF-3-RPT-LV-230AC/3X21
Description  Relay Module - RIF-3-RPT-LV-230AC/3X21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-3-RPT-LV-230AC/3X21 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 2Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 3Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 4Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 5Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 6Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 7Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 8Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 9Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
https://www.phoenixcontact.com/gb/products/2903292
01/20/2017   Page 9 / 10
Relay Module - RIF-3-RPT-LV-230AC/3X21 - 2903292
Accessories
Zack marker strip - ZB 5 :UNBEDRUCKT - 1050004
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, Mounting type:
Snap into tall marker groove, for terminal block width: 5.2 mm, Lettering field: 5.1 x 10.5 mm
 
 
Zack marker strip - ZB 15:UNBEDRUCKT - 0811972
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, Mounting type:
Snap into tall marker groove, for terminal block width: 15.2 mm, Lettering field: 10.5 x 15.1 mm
 
 
Test plug terminal block
Test plugs - MPS-MT - 0201744
Test plugs, with solder connection up to 1 mm² conductor cross section, Color: silver
 
 
Spare parts
Relay socket - RIF-3-BPT/3X21 - 2900938
RIF-3... relay base, for octal relay with 3 PDTs, push-in connection, plug-in option for input/suppressor modules, for
mounting on NS 35/7,5
 
 
Single relay - REL-OR3/L-230AC/3X21 - 2903696
Pluggable octal relay with power contacts, 3 PDT, test button, mechanical switching position indication, input voltage:
230 V AC
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com