Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIF-3-RPT-LV-230AC/3X21 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-3-RPT-LV-230AC/3X21
Description  Relay Module - RIF-3-RPT-LV-230AC/3X21
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-3-RPT-LV-230AC/3X21 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 1Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 2Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 3Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 4Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 5Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 6Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 7Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 8Page - PHOENIX CONTACT RIF-3-RPT-LV-230AC/3X21 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
https://www.phoenixcontact.com/gb/products/2903292
01/20/2017   Page 4 / 10
Relay Module - RIF-3-RPT-LV-230AC/3X21 - 2903292
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
Switchingvoltage[V]
AC,ohmicload
DC,ohmicload
Interrupting rating
Diagram
20
30
40
50
60
70
80
1
2
3
4
5
6
7
8
9
10
11
Ambienttemperature[°C]
DCcoil
ACcoil
Contact derating
Diagram
0
0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6
10
4
10
5
10
5
10
6
10
7
250VAC,ohmicload
Switchingcapacity[kVA]
Electrical service life
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor
Articles in set
Relay socket - RIF-3-BPT/3X21 - 2900938
RIF-3... relay base, for octal relay with 3 PDTs, push-in connection, plug-in option for input/suppressor modules, for
mounting on NS 35/7,5
 
 
Single relay - REL-OR3/L-230AC/3X21 - 2903696
Pluggable octal relay with power contacts, 3 PDT, test button, mechanical switching position indication, input voltage:
230 V AC
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com