Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1615P/032PR Datasheet(PDF) 21 Page - SINOWEALTH Electronic Ltd

Part # SH79F1615P/032PR
Description  Enhanced 8051 microcontroller with integrated ADC and PWM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1615P/032PR Datasheet(HTML) 21 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1615P/032PR Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
SH79F1615
21
7.3.2 ICP模式下的Flash操作
ICP模式为通过Flash编程器对MCU进行编程,可以在MCU焊在用户板上以后编程。ICP模式下,用户系统必须关机后Flash
编程器才能通过ICP编程接口刷新Flash存储器。ICP编程接口包括6个引脚(V
DD,GND,TCK,TDI,TMS,TDO)。
编程器使用4个JTAG引脚(TDO,TDI,TCK,TMS)进入编程模式。只有将特定波形输入4个引脚后,CPU才能进入编程
模式。如需详细说明请参考Flash编程器用户指南。
在ICP模式中,通过6线接口编程器能完成所有Flash操作。因为编程信号非常敏感,用户需要用5个跳线将编程引脚(V
DD,
TDO,TDI,TCK,TMS)从应用电路中分离出来,如下图所示。
MCU
TCK
TDI
TDO
GND
To Application
Circuit
Jumper
Flash
Programmer
VDD
TMS
当采用ICP模式进行操作时,建议按照如下步骤进行操作:
1. 在开始编程前断开跳线(jumper),从应用电路中分离编程引脚;
2. 将芯片编程引脚连接至 Flash 编程器编程接口,开始编程;
3. 编程结束后断开 Flash 编程器接口,连接跳线恢复应用电路。
如果不加跳线,需保证电源线上的电容负载不超过100uF,4根信号线上的电容负载不超过0.01uf,电阻负载不小于1K阻值。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com