Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1615P/032PR Datasheet(PDF) 37 Page - SINOWEALTH Electronic Ltd

Part # SH79F1615P/032PR
Description  Enhanced 8051 microcontroller with integrated ADC and PWM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1615P/032PR Datasheet(HTML) 37 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1615P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
SH79F1615
37
方式1:16位计数器/定时器
除了使用16位定时器/计数器之外,方式1的运行与方式0一致。打开和配置计数器/定时器也如同方式0。
TLx
(8bits)
THx
(8bits)
TFx
Overflow
GATEx
INTx
TRx
C/Tx
=0
=1
0:Switch Off
1:Switch On
Tx
The Block Diagram of mode0 of Timerx ( x=0,1 )
Interrupt
Request
Overflow
Flag
+
&
C/Tx=0 and TCx=1
Tx
System Clock
128kHz
RC Clock
TCLKSx
1/12
TCLKPx
/8
方式2:8位自动重载计数器/定时器
方式2中,定时器x是8位自动重载计数器/定时器。TLx存放计数值,THx存放重载值。当在TLx中的计数器溢出至0x00时,
置起定时器溢出标志TFx,寄存器THx的值被重载入寄存器TLx中。如果定时器中断使能,当TFx置1时将产生一个中断。而在THx
中的重载值不会改变。在允许定时器正确计数开始之前,TLx必须初始化为所需的值。
除了自动重载功能外,方式2中的计数器/定时器的使能和配置与方式1和0是一致的。
当作为定时器应用时,可配置寄存器TCON1中的TCLKSx(x = 0,1)位选择系统时钟或128kHz的8分频作为定时器x(x =
0,1)的时钟源。
可配置寄存器TCON1中的TCLKPx(x = 0,1)位选择系统时钟或系统时钟的1/12作为定时器x(x = 0,1)的时钟源。
当作为定时器应用时,可配置寄存器TCON1中的TC0/1位使定时器0/1溢出时T0/T1脚自动翻转。如果TC0/1被置1,T0/T1
引脚自动设置为输出。
TFx
Interrupt
Request
+
&
TRx
C/Tx
=0
=1
The Block Diagram of mode2 of Timerx (x=0,1)
TL0
(8bits)
TH0
(8bits)
Reload
Overflow
Flag
overflow
0:Switch Off
1:Switch On
GATEx
C/Tx=0 and TCx=1
Tx
Tx
INTx
System Clock
128kHz
RC Clock
TCLKSx
1/12
TCLKPx
/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com