Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F1615P/032PR Datasheet(PDF) 82 Page - SINOWEALTH Electronic Ltd

Part # SH79F1615P/032PR
Description  Enhanced 8051 microcontroller with integrated ADC and PWM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F1615P/032PR Datasheet(HTML) 82 Page - SINOWEALTH Electronic Ltd

Back Button SH79F1615P/032PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F1615P/032PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
SH79F1615
82
8.1.9 注意事项
边沿对齐计数模式中占空比寄存器值为0或周期值
边沿对齐计数模式中,若占空比寄存器为0或周期值,则根据不同的极性设置,PWMx/PWMx1应输出占空比为0%或100%
的波形。令PWMOE = 0xBF、PWMDT0L/H = 0、PWMDT1L/H = 0在边沿对齐时基计数、互补输出模式下,不同占空比值的PWM
引脚输出的波形、中断标志触发位置、事件触发位置、寄存器重载位置如图8-1-16 - 图8-1-18所示。
注意:PWM时基Enable时刻,虽然时基计数器为0,但不会产生归零(zero match)信号,因此不会置PWMZIF标志,也
不会产生事件触发信号,而寄存器重载信号在PWMEN = 0时是立即发生的。
0
1
2
3
4
PWMP = 5
PWM
Counter
PWM Clock
PWMx(PWMxS=0)
Duty Zone
None-Duty
Zone
PWMxD
PWMZIF = 1
Reload PWMP&
PWMx/x1D
&DT[1:0]&PWMDT0/
1&PTCLK1/0
Triger Timer&ADC
0
1
2
3
4
0
1
2
3
4
PWMxD
PWMxD
PWMx1(PWMx1S=0)
PWMx(PWMxS=1)
PWMxD
PWMxD
PWMxD
PWMx1(PWMx1S=1)
PWMxD = 3
PWMxD = 3
PWMxD represents PWMxDH:PWMxDL
PWMP represents PWMPH:PWMPL
x = 0~2
PWMEN
High
Impedance
High
Impedance
High
Impedance
High
Impedance
PWMZIF = 1
Reload PWMP&
PWMx/x1D
&DT[1:0]&PWMDT0/
1&PTCLK1/0
Triger Timer&ADC
PWMZIF = 1
Reload PWMP&
PWMx/x1D
&DT[1:0]&PWMDT0/
1&PTCLK1/0
Triger Timer&ADC
PTUDxIF = 1
PTDDxIF = 0
PWMOE = 0x3F
PTUDxIF = 1
PTDDxIF = 0
PTUDxIF = 1
PTDDxIF = 0
图8-1-16 边沿对齐计数、互补输出模式



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com