Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81801EVAL2Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL81801EVAL2Z
Description  80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81801EVAL2Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL81801EVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
ISL81801
FN8937 Rev.1.4
Page 2 of 49
Mar 8, 2024
Figure 1. Typical Application Diagram
Figure 2. Buck-Boost Power Train Topology
Figure 3. Efficiency (VOUT = 12V, DE Mode)
ISL81801 TQFN
VDD
SS/TRK
RT/SYNC
FB_OUT
PGND
SGND
VCC5V
COMP
PHASE2
LG1/
PWM_MODE
PHASE1
UG1
BOOT1
UG2
BOOT2
LG2/
OC_MODE
VDD
VDD
PLL_COMP
VIN
VOUT
FB_IN
IMON_IN
IMON_OUT
Q1
Q3
VIN
VOUT
Q2
Q4
Rs_in
Rs_out
L
UG1
LG1
UG2
LG2
PH1
PH2
30
40
50
60
70
80
90
100
02468
10
IOUT (A)
Vin = 9V
Vin = 12V
Vin = 24V
Vin = 36V
Vin = 48V
Vin = 60V
Vin = 80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com