Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81801EVAL2Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL81801EVAL2Z
Description  80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81801EVAL2Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL81801EVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
ISL81801
4. Typical Performance Graphs
FN8937 Rev.1.4
Page 20 of 49
Mar 8, 2024
Figure 13. Switching Frequency vs Temperature
Figure 14. Switching Frequency vs VIN, RT = 144k
Figure 15. 0.8V Reference Voltage vs Temperature
Figure 16. 1.2V Reference Voltage vs Temperature
Figure 17. Normalized Output Voltage vs Voltage on
Soft-Start Pin
Figure 18. Input Current IIN (DC) vs IMON_IN Pin Voltage,
RS_IN = 4mΩ, RIM_IN = 36k
Oscilloscope plots are taken using the ISL81801EVAL1Z evaluation board, VIN = 9V to 80V, VOUT = 12V, IOUT = 10A, unless otherwise noted.
200
250
300
350
400
450
500
-50
0
50
100
150
Temperature (ºC)
RT = 72kHz
RT = 144kHz
234
236
238
240
242
244
246
248
250
0
1020304050607080
90
VIN (V)
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
-50
0
50
100
150
Temperature (ºC)
1.195
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
1.205
-50
0
50
100
150
Temperature (ºC)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Soft-Start Pin Voltage (V)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
02468
10
IIN (A)
+25C
+125C
-40C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com