Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL81801EVAL2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL81801EVAL2Z
Description  80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81801EVAL2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL81801EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 24Page - Renesas Technology Corp ISL81801EVAL2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
ISL81801
4. Typical Performance Graphs
FN8937 Rev.1.4
Page 21 of 49
Mar 8, 2024
Figure 19. Output Current IOUT (DC) vs IMON_OUT
Pin Voltage, RS_OUT = 4mΩ, RIM_OUT = 40.2k
Figure 20. CCM Mode Efficiency
Figure 21. DE Mode Efficiency
Figure 22. CCM Load Regulation at +25°C
Figure 23. CCM Line Regulation at 10A Load +25°C
Figure 24. Boost Mode Waveforms, VIN = 9V, IOUT = 10A,
CCM Mode
Oscilloscope plots are taken using the ISL81801EVAL1Z evaluation board, VIN = 9V to 80V, VOUT = 12V, IOUT = 10A, unless otherwise noted.
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
02468
10
IIN (A)
+25C
+125C
-40C
30
40
50
60
70
80
90
100
02468
10
IOUT (A)
Vin=9V
Vin=12V
Vin=24V
Vin=36V
Vin=48V
Vin=60V
Vin=80V
30
40
50
60
70
80
90
100
02468
10
IOUT (A)
Vin=9V
Vin=12V
Vin=24V
Vin=36V
Vin=48V
Vin=60V
Vin=80V
11.90
11.92
11.94
11.96
11.98
12.00
12.02
12.04
12.06
12.08
12.10
02468
10
IOUT (A)
Vin=9V
Vin=12V
Vin=24V
Vin=36V
Vin=48V
Vin=60V
Vin=80V
11.90
11.92
11.94
11.96
11.98
12.00
12.02
12.04
12.06
12.08
12.10
0
10203040506070
80
VIN (V)
PHASE1 10V/Div
PHASE2 20V/Div
V
OUT 100mV/Div
I
L 10A/Div
BOOT Refresh
4μs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com