Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM337LMX/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM337LMX/NOPB.B
Description  LM337L 3-Terminal Adjustable Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337LMX/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LM337LMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
LM337L
www.ti.com
SNVS780E – MAY 1998 – REVISED DECEMBER 2016
Product Folder Links: LM337L
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
LP Package
3-Pin TO-92
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-92
SOIC
ADJ
1
4
—
Adjust pin
NC
—
5, 8
—
No connection
VIN
3
2, 3, 6, 7
Input
Input voltage pin for the regulator
VOUT
2
1
Output
Output voltage pin for the regulator
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
Input-output voltage differential
40
V
Power dissipation
Internally Limited
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±1500
V may actually have higher performance.
(2)
Human-body model, 1.5k
Ω in series with 100 pF.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±1500
V
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
–25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com