Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM337LMX/NOPB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LM337LMX/NOPB.B
Description  LM337L 3-Terminal Adjustable Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337LMX/NOPB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM337LMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OUT
R2
V
1.25 V 1
240
§
·
¨
¸
:
©
¹
LM337L
+
+
VIN
VOUT
ADJ
C2
C1
1 µF
-VIN
R1
240
Ÿ
R2
Copyright © 2016, Texas Instruments Incorporated
8
LM337L
SNVS780E – MAY 1998 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM337L
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM337L is a negative output linear regulator with high accuracy and a wide temperature range. An output
capacitor can be added to further improve transient response, and the ADJ pin can be bypassed to achieve very
high ripple-rejection ratios. The device's functionality can be utilized in many different applications that require
negative voltage supplies, such as bipolar amplifiers, operational amplifiers, and constant current regulators.
8.2 Typical Applications
8.2.1 1.2-V to 25-V Adjustable Regulator
Full output current not available at high input-output voltages
†C1 = 1-μF solid tantalum or 10-μF aluminum electrolytic required for stability
*C2 = 1-μF solid tantalum is required only if regulator is more than 4″ from power supply filter capacitor
Figure 6. 1.2-V to 25-V Adjustable Regulator Diagram
8.2.1.1 Design Requirements
The device component count is very minimal, employing two resistors as part of a voltage divider circuit and an
output capacitor for load regulation. An input capacitor is needed if the device is more than 4 in. from the filter
capacitors.
8.2.1.2 Detailed Design Procedure
The output voltage is set based on the selection of the two resistors (R1 and R2) as shown in Equation 1.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com