Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM337LMX/NOPB.B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM337LMX/NOPB.B
Description  LM337L 3-Terminal Adjustable Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337LMX/NOPB.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM337LMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
LM337L
www.ti.com
SNVS780E – MAY 1998 – REVISED DECEMBER 2016
Product Folder Links: LM337L
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
When CL is larger than 20 μF, D1 protects the LM337L in case the input supply is shorted.
When C2 is larger than 10 μF and −VOUT is larger than −25V, D2 protects the LM337L in case the output is shorted.
Figure 5. Regulator With Protection Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com