Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM337LMX/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM337LMX/NOPB.B
Description  LM337L 3-Terminal Adjustable Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337LMX/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LM337LMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM337LMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM337L
+
+
VIN
VOUT
ADJ
C2
C1
1 µF
-VIN
R1
240
Ÿ
R2
Copyright © 2016, Texas Instruments Incorporated
TO-92
SOIC
Pin 1. Output
2. Adjustment
3. Input
3
1
2
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM337L
SNVS780E – MAY 1998 – REVISED DECEMBER 2016
LM337L 3-Terminal Adjustable Regulator
1
1 Features
1
•
Adjustable Output Down to 1.2 V
•
Ensured 100-mA Output Current
•
Line Regulation Typically 0.01%/V
•
Load Regulation Typically 0.1%
•
Current Limit Constant With Temperature
•
Eliminates the Need to Stock Many Voltages
•
Standard 3-Pin Transistor Package
•
80-dB Ripple Rejection
•
Output is Short Circuit Protected
2 Applications
•
Industrial Power Supplies
•
Factory Automation Systems
•
Building Automation Systems
•
PLC Systems
•
Instrumentation
•
IGBT Drive Negative Gate Supplies
•
Networking
•
Set-Top Boxes
3 Description
The LM337L is an adjustable 3-pin negative voltage
regulator capable of supplying 100 mA over a –1.2-V
to –37-V output range. The LM337L is easy to use
and requires only two external resistors to set the
output voltage. Both line and load regulation are
better than standard fixed regulators. The LM337L is
packaged in a standard, easy-to-use TO-92 transistor
package.
In
addition
to
higher
performance
than
fixed
regulators, the LM337L offers full overload protection.
Included on the chip are current limit, thermal
overload protection, and safe area protection. All
overload protection circuitry remains fully functional
even if the adjustment pin is disconnected.
Normally, only a single 1-µF solid tantalum output
capacitor is required unless the device is situated
more than 6 inches from the input filter capacitors, in
which case an input bypass is required. A larger
output capacitor can be added to improve transient
response. The adjustment pin can be bypassed to
achieve very high ripple rejection ratios, which are
difficult to achieve with standard 3-pin regulators.
Besides replacing fixed regulators, the LM337L is
useful in a wide variety of other applications. Because
the regulator is floating and monitors only the input-
to-output differential voltage, supplies of several
hundred volts can be regulated as long as the
maximum input-to-output differential is not exceeded.
The LM337L makes a simple adjustable switching
regulator, a programmable output regulator, or by
connecting a fixed resistor between the adjustment
and output, the LM337L can be used as a precision
current regulator. Supplies with electronic shutdown
can be achieved by clamping the adjustment pin to
ground, which programs the output to 1.2 V, where
most loads draw little current.
The LM337L is available in a standard TO-92
transistor package and a standard SO-8 surface
mount package. The LM337L is rated for operation
over a –25°C to 125°C range.
For applications requiring output current in excess of
0.5 A and 1.5 A, The LM137 series may be suitable.
For the positive complement, the LM117 and LM317L
series are options.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM337L
SOIC (8)
3.91 mm × 4.90 mm
TO-92 (3)
4.30 mm × 4.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1.2-V to 25-V Adjustable Regulator
LM337L Available Packages


Similar Part No. - LM337LMX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM337LMX/NOPB TI1-LM337LMX/NOPB Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LMX/NOPB TI1-LM337LMX/NOPB Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
More results

Similar Description - LM337LMX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM337LMX TI1-LM337LMX Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LZ TI1-LM337LZ Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com