Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6723MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6723MA/NOPB
Description  LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6723MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6723MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LMH6723, LMH6724
www.ti.com
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
7 Application and Implementation
7.1 Application Information
The LMH6723/LMH6724 is a high speed current feedback amplifier manufactured on Texas Instruments' VIP10
(Vertically Integrated PNP) complimentary bipolar process. LMH6723/LMH6724 offers a unique combination of
high speed and low quiescent supply current making it suitable for a wide range of battery powered and portable
applications that require high performance. This amplifier can operate from 4.5V to 12V nominal supply voltages
and draws only 1 mA of quiescent supply current at 10V supplies (±5V typically). The LMH6723/LMH6724 has no
internal ground reference so single or split supply configurations are both equally useful.
7.2 Typical Application
7.3 Evaluation Boards
Texas Instruments provides the following evaluation boards as a guide for high frequency layout and as an aid in
device testing and characterization. Many of the datasheet plots were measured with these boards.
DEVICE
PACKAGE
BOARD PART NUMBER
LMH6723MA
SOIC-8
LMH730227
LMH6723MF
SOT-23
LMH730216
LMH6724MA
SOIC-8
LMH730036
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6723 LMH6724



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com