Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6723MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6723MA/NOPB
Description  LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6723MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6723MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH6723, LMH6724
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA
Current Feedback Operational Amplifier
1 Features
3 Description
The LMH6723/LMH6724 provides a 260 MHz small
1
•
Large Signal Bandwidth and Slew Rate 100%
signal bandwidth at a gain of +2 V/V and a 600 V/
μs
Tested
slew rate while consuming only 1 mA from ±5V
•
370 MHz Bandwidth (AV = 1, VOUT = 0.5 VPP) −3
supplies.
dB BW
The LMH6723/LMH6724 supports video applications
•
260 MHz (AV = +2 V/V, VOUT = 0.5 VPP) −3 dB BW
with its 0.03% and 0.11° differential gain and phase
•
1 mA Supply Current
for NTSC and PAL video signals, while also offering a
flat gain response of 0.1 dB to 100 MHz. Additionally,
•
110 mA Linear Output Current
the LMH6723/LMH6724 can deliver 110 mA of linear
•
0.03%, 0.11° Differential Gain, Phase
output current. This level of performance, as well as a
•
0.1 dB Gain Flatness to 100 MHz
wide supply range of 4.5 to 12V, makes the
•
Fast Slew Rate: 600 V/
μs
LMH6723/LMH6724 an ideal op amp for a variety of
portable applications. With small packages (SOIC
•
Unity Gain Stable
and SOT-23), low power requirement, and high
•
Single Supply Range of 4.5 to 12V
performance, the LMH6723/LMH6724 serves a wide
•
Improved Replacement for CLC450, CLC452,
variety of portable applications.
(LMH6723)
The LMH6723/LMH6724 is manufactured in Texas
Instruments' VIP10 complimentary bipolar process.
2 Applications
Device Information(1)
•
Line Driver
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Portable Video
LMH6723
SOT-23 (5)
2.90 mm × 1.60 mm
•
A/D Driver
LMH6723
SOIC (8)
4.90 mm × 3.91 mm
•
Portable DVD
LMH6724
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6723MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6723MA/NOPB TI1-LMH6723MA/NOPB Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results

Similar Description - LMH6723MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
logo
Linear Technology
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
High Speed, Current Feedback Quad Operational Amplifier
logo
Linear Technology
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com