Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6723MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6723MA/NOPB
Description  LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6723MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6723MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUTPUT
N/C
+
-
N/C
OUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
LMH6723, LMH6724
www.ti.com
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
5 Pin Configuration and Functions
5-Pin SOT-23 (LMH6723)
8-Pin SOIC Package (LMH6723)
Package DBV
Package D08A
(Top View)
(Top View)
8-Pin SOIC Package (LMH6724)
Package D08A
(Top View)
Pin Functions
PIN
NUMBER
I/O
DESCRIPTION
NAME
LMH6723
LMH6723
LMH6724
(DBV)
(D08A)
(D08A)
-IN
4
2
I
Inverting Input
+IN
3
3
I
Non-inverting Input
-IN A
2
I
ChA Inverting Input
+IN A
3
I
ChA Non-inverting Input
-IN B
6
I
ChB Inverting Input
+IN B
5
I
ChB Non-inverting Input
N/C
1,5,8
–
–
OUT A
1
O
ChA Output
OUT B
7
O
ChB Output
OUTPUT
1
6
O
Output
V -
2
4
4
I
Negative Supply
V+
5
7
8
I
Positive Supply
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6723 LMH6724



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com