Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6723MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH6723MA/NOPB
Description  LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6723MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH6723MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
0.1
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
RF = 800:
RF = 1200:
RF = 2000:
VS = ±2.5V
VOUT = 1VPP
LMH6723, LMH6724
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
www.ti.com
7.4 Feedback Resistor Selection
One of the key benefits of a current feedback operational amplifier is the ability to maintain optimum frequency
response independent of gain by using appropriate values for the feedback resistor (RF). The Electrical
Characteristics and Typical Performance plots were generated with an RF of 1200Ω, a gain of +2V/V and ±5V or
±2.5V power supplies (unless otherwise specified). Generally, lowering RF from its recommended value will peak
the frequency response and extend the bandwidth; however, increasing the value of RF will cause the frequency
response to roll off faster. Reducing the value of RF too far below it's recommended value will cause overshoot,
ringing, and eventually, oscillation.
Figure 31. Frequency Response vs. RF
Figure 31 shows the LMH6723/LMH6724's frequency response as RF is varied (RL = 100Ω, AV = +2). This plot
shows that an RF of 800Ω results in peaking. An RF of 1200Ω gives near maximal bandwidth and gain flatness
with good stability. Since each application is slightly different, it is worth experimenting to find the optimal RF for a
given circuit. In general, a value of RF that produces ~0.1 dB of peaking is the best compromise between stability
and maximal bandwidth. Note that it is not possible to use a current feedback amplifier with the output shorted
directly to the inverting input. The buffer configuration of the LMH6723/LMH6724 requires a 2000-
Ω feedback
resistor for stable operation. For other gains see the charts Figure 32 and Figure 33. These charts provide a
good place to start when selecting the best feedback resistor value for a variety of gain settings.
14
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: LMH6723 LMH6724



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com