Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF430CL331HIPW Datasheet(PDF) 16 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 12Page - Texas Instruments RF430CL331HIPW Datasheet HTML 13Page - Texas Instruments RF430CL331HIPW Datasheet HTML 14Page - Texas Instruments RF430CL331HIPW Datasheet HTML 15Page - Texas Instruments RF430CL331HIPW Datasheet HTML 16Page - Texas Instruments RF430CL331HIPW Datasheet HTML 17Page - Texas Instruments RF430CL331HIPW Datasheet HTML 18Page - Texas Instruments RF430CL331HIPW Datasheet HTML 19Page - Texas Instruments RF430CL331HIPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
D. An I2C restart was done and device address sent with a read selection.
E. Clock stretching is being used by the RF430CL331H when it needs more time to respond due to
unfinished internal processing.
F. I2C_READY line is now low, new I2C communication should not be started.
G. RF430CL331H drives the SDA line and returns the value of the status register, which is 0001h.
H. I2C_READY signal has returned to high, indicating communication can be started. This occurs after a
short period of time after a STOP condition (in square red). This brief time is necessary for the
RF430CL331H to finish internal processing.
5.6.2
BIP-8 Communication Mode With I
2C
The BIP-8 communication mode is enabled by setting the BIP-8 bit in the General Control register. All
communication after setting this bit uses the following conventions with exactly 2 address bytes (16-bit
address) and 2 data bytes (16-bit data) (see Table 5-4 and Table 5-5).
Table 5-4. Write Access
Address Bits
Address Bits
Master
Data at Addr + 0
Data at Addr + 1
BIP-8
15 to 8
7 to 0
Slave
N/A
N/A
N/A
N/A
N/A
The Bit-Interleaved Parity (BIP-8) is calculated using 16-bit address and 16-bit data. If the received BIP-8
does not match with received data, no write is performed. The BIP-8 calculation does not include the I2C
device address.
Table 5-5. Read Access
Address Bits
Address Bits
Master
N/A
N/A
N/A
15 to 8
7 to 0
Slave
N/A
N/A
Data at Addr + 0
Data at Addr + 1
BIP-8
For read access, the Bit-Interleaved Parity (BIP-8) is calculated using the received 16-bit address and the
2 transmitted data bytes, and it is transmitted back to the master. The BIP-8 does not include the device
address.
5.7
NFC Type 4B Tag Platform
This device is an NFC Forum Type 4B Tag Platform and ISO/IEC 14443B-compliant transponder that
operates according to the NFC Forum Tag Type-4 specification and supports NDEF (NFC Data Exchange
Format) data structure. Through the RF interface, the user can read and update the contents in the NDEF
memory. The NDEF message in its entirety would only be present on the memory of the host controller.
The RF430CL331H only has a portion of the NDEF message at any one time.
NOTE
This device does not have nonvolatile memory; therefore, the information stored in the NDEF
memory is lost when power is removed.
This device does not support the peer-to-peer mode or the reader/writer mode. All RF communication
between an NFC forum device and this device is in the passive tag mode. The device responds by load
modulation and is not considered an intentional radiator.
This device is intended to be used in applications where the primary reader/writer is, for example, an NFC-
enabled handset. In this case, the host application can be considered the destination device, and the cell
phone or other type of mobile device is treated as the end-point device.
16
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com