Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF430CL331HIPW Datasheet(PDF) 36 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 36 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 32Page - Texas Instruments RF430CL331HIPW Datasheet HTML 33Page - Texas Instruments RF430CL331HIPW Datasheet HTML 34Page - Texas Instruments RF430CL331HIPW Datasheet HTML 35Page - Texas Instruments RF430CL331HIPW Datasheet HTML 36Page - Texas Instruments RF430CL331HIPW Datasheet HTML 37Page - Texas Instruments RF430CL331HIPW Datasheet HTML 38Page - Texas Instruments RF430CL331HIPW Datasheet HTML 39Page - Texas Instruments RF430CL331HIPW Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Table 5-11. General Control Register Description (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
Global interrupt output enable
0b = Interrupt output disabled. The INTO pin is Hi-Z.
2
Enable INT
R/W
0
1b = Interrupt output enabled. The INTO pin signals any enabled interrupt
according to the INTO High and INTO Drive bits.
Global enable of RF interface. This bit must be set before the PICC can
respond to any RF commands.
1
Enable RF
R/W
0
0b = RF interface disabled
1b = RF interface enabled
Software reset
0b = Always reads 0.
0
SW-Reset
W
0
1b = Resets the device to default settings and clears memory. The serial
communication is restored after tReady, and the register settings and NDEF
memory must be restored afterward.
36
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com